Part Number Hot Search : 
26100 0E686 AN503 ASM8500 MAX3505 6KE200CA SM120 24LC41P
Product Description
Full Text Search
 

To Download 1830-A341 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications are subject to change without notice. features  convenient kit for t1/e1 stations  meets the t1 pulse mask as per ansi t1.403 and the e1 mask per itu g.703  the protectors utilize ptc resistor technology for automatic resetting overcurrent protection and gas discharge tube technology for overvoltage protection model 1830-a t1/e1 protection assembly, rail mounted characteristics bourns model 1830-a t1/e1 protection assemblies provide secondary overvoltage protection for multiple t1 or e1 lines. din-3 rail mounted and able to accommodate future add-on modules, the assembly is designed to provide maximum surge protection caused from direct and induced lightning surges, power line disturbances and ground potential rises. common installations of the 1830-a are power cabinets located in wireless base stations or other larger telecom service entrance terminals. powered unpowered span span maximum system voltage tip-ring ........................................................................................................ 12 vp-p ........ ................................. 12 vp-p tip/ring-gnd ................................................................................................ 170 vpk ............ ............................ 6 vpk dc breakdown rating @ <2000v/s (tip-ring-gnd) .......................................... 6.5 vdc ................................. ........ 15 vdc impulse voltage rating @ 100v/ms (tip/ring-gnd) .......................................... 475 vpk ............................... ......... 20 vpk peak clamping voltage (tip-ring) 14 a 1 10/1000 s ........................................................................................... 20 vpk ............................. ............. 20 vpk 1 ka 8/20 s ................................................................................................... 30 vpk ..................... ..................... 30 vpk 5 ka 8/20 s ................................................................................................... 45 vpk ..................... ..................... 45 vpk maximum current, per line @ 65 c .......................................................................................................... 100 ma .............. ........................... 100 ma @ 85 c .......................................................................................................... 66 ma ............... ............................ 66 ma surge life tip/ring-gnd 14 a 1 10/1000 s .......................................................................................... 100 operations ...................... ....... 100 operations 500 a 1 2/10 s .............................................................................................. 1 operation ..................... .............. 1 operation 100 a 10/1000 s .......................................................................................... 300 operations ...................... ....... 300 operations 10 ka 8/20 s ................................................................................................ 10 operations ................. .............. 10 operations 20 ka 8/20 s ................................................................................................ 1 operation ................... ................ 1 operation pulse mask ansi t1.403(1.544 mbits/s) .......................................................................... complies ................... ................... complies ccitt g.703 (2.048 mbits/s) ........................................................................ complies .................... .................. complies data attenuation 1.544 mbits/s ................................................................................................ 0.6 db ............ ............................... 0.6 db 2.048 mbits/s ................................................................................................ 1.4 db ............ ............................... 1.4 db capacitance @ 1.0 mhz, tip-ring ..................................................................... <75 pf ..................... ..................... <75 pf series resistance, per line ................................................................................. 10 ? .............................................. 10 ? operating temperature ...................................................................................... -40 c to +85 c ............................. -40 c to +85 c response time .................................................................................................. < 1 ns .......... .................................. < 1 ns wire size, input and output ............................................................................... awg 14 22 ................................ awg 14 22 warranty ............................................................................................................. 1 year .... ........................................ 1 year 1 applies to model 1830 rev. a  both protectors can be on-site configured for either powered or unpowered spans  simplicity of din-3 rail mounting; the rail also serves as protector ground  vibration proof screw-type clamping connector interface asia-pacific: tel +886- (0)2 25624117 fax +886- (0)2 25624116 europe: tel +41-41 7685555 fax +41-41 7685510 north america: tel +1-909 781-5500 fax +1-909 781-5700 bourns.com copyright? 2001, bourns, inc. litho in u.s.a. ip 09/01 g0133
specifications are subject to change without notice. mm (inches) dimensions: example: 1830-a261 how to order model number designator number of protected t1 lines 1 1 = one line (two protectors) 2 = two lines (four protectors) 3 = three lines (six protectors) 4 = four lines (eight protectors) 5 = five lines (ten protectors) rail length 1 = 2.8 long - accommodates one pair of protectors without ground wire clamp 2 = 4.2 long - accommodates one pair of protectors with ground wire clamp 3 = 5.6 long - accommodates two pair of protectors with ground wire clamp 4 = 7.0 long - accommodates three pair of protectors with ground wire clamp 5 = 8.4 long - accommodates four pair of protectors with ground wire clamp 6 = 9.8 long - accommodates five pair of protectors with ground wire clamp without ground wire clamp, use next shorter rail. for smaller spaces, use next shorter rail. (rail mounting screw heads will be partially hidden under clamps.) ground wire clamp and 24?awg #12 insulated ground wire 0 = without clamp and wire 1 = with clamp and wire notes: 1 two protectors are required for each t1 line, one for transmit and one for receive. slots in rail are .21 wide; will accomodate #10 screw. drill enlarge for bigger screw. 1830-a x x x model 1830-a t1/e1 protection assembly, rail mounted product dimensions unpowered powered span tip ring tip ring unpowered powered span tip ring tip ring unpowered powered span tip ring tip ring unpowered powered span tip ring tip ring 83.0 (3.3) 48.0 (1.9) 45.72 (1.8) 18.80 (.74)


▲Up To Search▲   

 
Price & Availability of 1830-A341

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X